PART |
Description |
Maker |
D3627 D3620 D3621 D3622 D3623 D3624 D3625 D3626 |
TRANSFORMER 12VA 2X 24V TRANSFORMER 12VA 2X 20V TRANSFORMER 12VA 2X15V TRANSFORMER 12VA 2X 12V TRANSFORMER 12VA 10V TRANSFORMER 12VA 2X9V TRANSFORMER 12VA 2X6V TRANSFORMER 6VA 2X 24V XC6204D362DL
|
ETC N.A.
|
B0727-BL B0727-BLD |
ADSL2 Transformer DSL transformer, for Broadcom BCM6348, SMT, not RoHS TELECOM TRANSFORMER
|
Coilcraft lnc. Coilcraft, Inc.
|
2779H |
T1/E1 Transformer TELECOM TRANSFORMER HIGH FREQUECY MAGNETICS T1/E1 Surface Mount Transformer
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
500L-058X181-502 500T-058X071-501 500T-058X071-502 |
5000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 500:5 A, 2 % ACCURACY CLASS, CURRENT TRANSFORMER 4000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 400:5 A, 3 % ACCURACY CLASS, CURRENT TRANSFORMER 750:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 2500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1200:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER
|
GE Industrial Systems
|
TTWB2010-1L TTWB2010L TTWB2040L TTWB3010-1L TTWB30 |
0.13 MHz - 425 MHz RF TRANSFORMER PoE transformer, SMT, RoHS 0.03 MHz - 250 MHz RF TRANSFORMER Surface Mount Wideband RF Transformers
|
COILCRAFT INC Coilcraft, Inc. http:// Coilcraft lnc.
|
PL-12 PL-13 PL-14 PL-11 PL-34 PL-1101AS PL-33 PL-3 |
POWER TRANSFORMER, 0.75 VA POWER TRANSFORMER, 4.5 VA POWER TRANSFORMER, 1.5 VA ROHS COMPLIANT POWER TRANSFORMER, 10 VA ROHS COMPLIANT Low Power Transformers Single Primary, Input 115 Volts Dual Secondary: PL-11 thru -14, Single Secondary: PL-32 thru -34
|
VISHAY DALE Vishay Intertechnology, Inc. Vishay Siliconix
|
AS8696-B |
DSL transformer, for Alcatel MTK-20140, not RoHS TELECOM TRANSFORMER
|
Coilcraft, Inc.
|
EPC3408G-LF |
PoE Synchronous Flyback Transformer SMPS TRANSFORMER LEAD FREE
|
PCA ELECTRONICS INC. Integrated Device Technology, Inc.
|
C1048-ALB |
PoE transformer, for LT1725, SMT, RoHS 13 W, SMPS TRANSFORMER
|
Coilcraft, Inc.
|
POE300F-24LD |
PoE transformer, SMT, RoHS 30 W, SMPS TRANSFORMER
|
Coilcraft, Inc.
|
MABA-009691-CT1881 MABA-009691-CT18TB MABA-009691- |
Transformer, 1:1 Transmission Line Transformer 5 to 1200 MHz
|
M/A-COM Technology Solu... M/A-COM Technology Solutions, Inc.
|